Part Number Hot Search : 
KBP06 NE560 DT70V CMPZ4115 LPC768 75EUK2 MC6808 PL001
Product Description
Full Text Search
 

To Download SCS0520P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SCS0520P THRU SCS05100P
Elektronische Bauelemente VOLTAGE 20V ~ 100V 0.5 AMP Schottky Barrier Rectifiers
RoHS Compliant Product A suffix of "-C" specifies halogen & lead-free
FEATURES
PACKAGE DIMENSIONS
SOD-123 PLASTIC PACKAGE
. High Current Capability . Extremely Low Thermal Resistance . For Surface Mount Application . Higher Temp Soldering : 250 for 10 Seconds at Terminals . Low Forward Voltage
H
A B
C
E
D
MECHANICAL DATA
. Case: Molded Plastic . Epoxy: UL 94V-0 Rate Flame Retardant . Lead: Axial Leads, Solderable per MIL-STD-202,
Method 208 Guaranteed
G
J
. Polarity: Color Band Denotes Cathode End . Mounting Position: Any
DIM A B C D E G H J
MILLMETERS MIN MAX 3.55 3.85 2.55 2.85 1.40 1.80 -----1.25 0.30 0.78 0.15 ---------0.25 ----0.15
INCHES MIN MAX 0.140 0.152 0.100 0.112 0.550 0.071 -----0.049 0.120 0.031 0.006 ------------0.001 ------0.006
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. TYPE NUMBER Maximum Recurrent Peak Reverse Voltage Working Peak Reverse Voltage Maximum DC Blocking Voltage Average Forward Current ( IF(AV) @ TJ =25 ) Peak Forward Current ( IFSM @ 8.3 ms Half Sine) Maximum Instantaneous Forward Voltage ( VF @ IFM = 0.5 A , TA = 25 ) Maximum DC Reverse Current At Rated DC Blocking Voltage ( IR @ TJ = 25 ) Typical Junction Capacitance (CJ ) Thermal Resistance - Junction to Ambient (Note 2) Thermal Resistance - Junction to Lead (Note 2) Operating Temperature Range TJ Storage Temperature Range TSTG
SCS0520P SCS0530P SCS0540P SCS0560P SCS0580P
SCS05100P
20 20 20
30 30 30
40 40 40 0.5 5.5
60 60 60
80 80 80
100 100 100
UNITS V V V A A V mA pF /W
0.45
0.52 0.2
0.65
0.83
30 210 155 - 50 ~ + 125 - 65 ~ + 150
NOTES: 1. Measured at 1MHz and applied reverse voltage of 5.0V D.C. 2. 1 inch square pad size (1 x 0.5 inch for each lead) on FR4 board.
Marking Code SCS0520P BB SCS0530P BH SCS0540P BJ SCS0560P BS SCS05100P BT
http://www.SeCoSGmbH.com/
01-Jun-2007 Rev. D
Any changing of specification will not be informed individual
Page 1 of 2
SCS0520P THRU SCS05100P
Elektronische Bauelemente VOLTAGE 20V ~ 100V 0.5 AMP Schottky Barrier Rectifiers
RATING AND CHARACTERISTIC CURVES (SCS0520P THRU SCS05100P)
F IG .1 T Y P IC AL F OR WAR D CHARACTERISTICS
FIG.2-JUNCTION CAPACITANCE
20 10 6 4 2 Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 0 .4
.5
SP SCS 0 S0 53 520 P 0P SC -0 S0 54 SC 56 0P S0 0P 58 0P -0 51 00 P
60 40 20 6 4 2 1
pF 10
.1
2
4
1
10 20 40 Volts
100 200 400 1000
.8 1.0 1.2 1.4 Volts Ins tantaneous Forward C urrent - Amperesversus Instantaneous Forward Voltage - Volts Amps
FIG.3-FORWARD DERATING CURVE FIG.4-PEAK FORWAED SURGE CURRENT
12 Single Phase, Half Wave 60Hz Resistive or Inductive Load 10 8
.6
1.2
1.0
.8 Amps .6
Amps
6 4 2 0
.4
.2
1
2
4
8 10
20
40
60
80 100
Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles 0 0 150 100 125 175 C Average Forward Rectified Current - Amperes Versus Juntion Temperature C 50 75
http://www.SeCoSGmbH.com/
01-Jun-2007 Rev. D
Any changing of specification will not be informed individual
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of SCS0520P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X